| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 256 Page - Renesas Technology Corp |
|
256 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 226 of 1342 REJ09B0467-0100 6.7.8 Precharge State Control When DRAM is accessed, a RAS precharge time must be secured. With this LSI, one T p state is always inserted when DRAM space is accessed. From one to four T p states can be selected by setting bits TPC1 and TPC0 in DRACCR. Set the optimum number of T p cycles according to the DRAM connected and the operating frequency of this LSI. Figure 6.37 shows the timing when two T p states are inserted. The setting of bits TPC1 and TPC0 is also valid for Tp states in refresh cycles. Tp1 RASn (CSn) Read Write UCAS, LCAS WE (HWR) OE (RD) Data bus WE (HWR) OE (RD) Data bus Address bus φ Tp2 Tr Tc1 Tc2 Row address Column address High High Note: n = 2 to 5 Figure 6.37 Example of Timing with Two-State Precharge Cycle (RAST = 0, CAST = 0) |