| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 235 Page - Renesas Technology Corp |
|
235 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 205 of 1342 REJ09B0467-0100 6.6.3 Data Bus The bus width of the address/data multiplexed I/O space can be specified for either 8-bit access space or 16-bit access space by the ABW7 and ABW6 bits in ABWCRA. For the 8-bit access space, D15 to D8 are valid for both address and data. For the 16-bit access space, D15 to D0 are valid for both address and data. If the address/data multiplexed I/O space is accessed, the corresponding address will be output to the address bus. For details on access size and data alignment, see section 6.5.1, Data Size and Data Alignment. 6.6.4 Address Hold Signal In the address/data multiplexed I/O space, a hold signal ( AH) that indicates the timing for latching the address is output. The AH output pin is multiplexed with the AS output pin. When the external address space is specified as the address/data multiplexed I/O space, the multiplexed pin functions as the AH output pin. Note however that the multiplexed pin will function as the AS output pin until the address/data multiplexed I/O space is specified. 6.6.5 Basic Timing The bus cycle in the address/data multiplexed I/O interface consists of an address cycle and a data cycle. The data cycle is based on the basic bus interface timing specified by ABWCR, ASTCR, WTCRAH, RDNCR, and CSACR. |