| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 202 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 202 Page - Renesas Technology Corp |
|
202 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 172 of 1342 REJ09B0467-0100 Bit Bit Name Initial Value R/W Description 6 RCDM 0 R/W RAS Down Mode When access to DRAM space is interrupted by an access to normal space, an access to an internal I/O register, etc., this bit selects whether the RAS signal is held low while waiting for the next DRAM access ( RAS down mode), or is driven high again ( RAS up mode). The setting of this bit is valid only when the BE bit is set to 1. If this bit is cleared to 0 when set to 1 in the RAS down state, the RAS down state is cleared at that point, and RAS goes high. When continuous synchronous DRAM space is set, reading from and writing to this bit is enabled. However, the setting does not affect the operation. 0: RAS up mode selected for DRAM space access 1: RAS down mode selected for DRAM space access 5 DDS 0 R/W DMAC Single Address Transfer Option Selects whether full access is always performed or burst access is enabled when DMAC single address transfer is performed on the DRAM/synchronous DRAM. When the BE bit is cleared to 0 in DRAMCR, disabling DRAM/synchronous DRAM burst access, DMAC single address transfer is performed in full access mode regardless of the setting of this bit. This bit has no effect on other bus master external accesses or DMAC dual address transfers. 0: Full access is always executed 1: Burst access is enabled |