| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 150 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 150 Page - Renesas Technology Corp |
|
150 / 1376 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 120 of 1342 REJ09B0467-0100 5.3.5 IRQ Status Register (ISR) ISR is an IRQ15 to IRQ0 interrupt request flag register. Bit Bit Name Initial Value R/W Description 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 IRQ15F* 2 IRQ14F* 2 IRQ13F* 2 IRQ12F* 2 IRQ11F* 2 IRQ10F* 2 IRQ9F* 2 IRQ8F* 2 IRQ7F IRQ6F IRQ5F IRQ4F IRQ3F IRQ2F IRQ1F IRQ0F 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 [Setting condition] When the interrupt source selected by ISCR occurs [Clearing conditions] • Cleared by reading IRQnF flag when IRQnF = 1, then writing 0 to IRQnF flag • When interrupt exception handling is executed when low-level detection is set and IRQn input is high • When IRQn interrupt exception handling is executed when falling, rising, or both-edge detection is set • When the DTC is activated by an IRQn interrupt, and the DISEL bit in MRB of the DTC is cleared to 0 Notes: 1. Only 0 can be written, to clear the flag. 2. These bits are reserved in the H8S/2454 Group. |