| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 140 Page - Renesas Technology Corp |
|
140 / 1376 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 110 of 1342 REJ09B0467-0100 5.3.2 Interrupt Priority Registers A to N (IPRA to IPRN) IPR are eleven 16-bit readable/writable registers that set priorities (levels 7 to 0) for interrupts other than NMI. The correspondence between interrupt sources and IPR settings is shown in table 5.2 (Interrupt Sources, Vector Addresses, and Interrupt Priorities). Setting a value in the range from H'0 to H'7 in the 3-bit groups of bits 14 to 12, 10 to 8, 6 to 4, and 2 to 0 sets the priority of the corresponding interrupt. IPR should be read in word size. Bit Bit Name Initial Value R/W Description 15 — 0 — Reserved This bit is always read as 0 and the initial value should not be changed. 14 13 12 IPR14 IPR13 IPR12 1 1 1 R/W R/W R/W Sets the priority of the corresponding interrupt source. 000: Priority level 0 (Lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (Highest) 11 — 0 — Reserved This bit is always read as 0 and the initial value should not be changed. 10 9 8 IPR10 IPR9 IPR8 1 1 1 R/W R/W R/W Sets the priority of the corresponding interrupt source. 000: Priority level 0 (Lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (Highest) |