| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 119 Page - Renesas Technology Corp |
|
119 / 1376 page ![]() Section 3 MCU Operating Modes Rev. 1.00 Sep. 19, 2008 Page 89 of 1342 REJ09B0467-0100 H'000000 H'FFC000 H'FFC800 H'000000 H'FFFA00 External address space Internal I/O registers External address space Internal I/O registers External address space/ Reserved area*2*4 H'FFFFFF H'FFFA00 H'FFFF00 H'FFFF20 H'FFFFFF H'FFFF00 H'FFFF20 H'020000 H'FFC000 H'FFC800 Reserved area*4 External address space/ Reserved area*2*4 Data flash area 8 Kbytes*5 H'FE8000 H'FE8000 H'F02000 H'F00000 RAM: 48 Kbytes Modes 1 and 2 (Expanded mode with on-chip ROM disabled) ROM: 128 Kbytes RAM: 48 Kbytes Mode 3 (Boot mode) External address space On-chip ROM External address space/ Reserved area*2*4 External address space/ Reserved area*2*4 Internal I/O registers Internal I/O registers Reserved area*4 Notes: 1. This area is specified as the external address space by clearing the RAME bit in SYSCR to 0. 2. This area is specified as the external address space when EXPE = 1 and the reserved area when EXPE = 0. 3. On-chip RAM is used for flash memory programming. The RAME bit in SYSCR should not be cleared to 0. 4. A reserved area should not be accessed. Reserved area*4 H'080000 Reserved area*4 On-chip RAM*3 H'FF0000 Reserved area*4 H'FF0000 5. Data flash is in planning. On-chip RAM/ External address space*1 Figure 3.3 Memory Map in Each Operating Mode (ROM: 128-Kbyte Version): H8S/24565, H8S/24565R, and H8S/24545 |