| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1188 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1188 Page - Renesas Technology Corp |
|
1188 / 1376 page ![]() Section 24 Clock Pulse Generator Rev. 1.00 Sep. 19, 2008 Page 1158 of 1342 REJ09B0467-0100 24.2 Oscillator Clock pulses can be supplied by connecting a crystal resonator, or by input of an external clock. 24.2.1 Connecting a Crystal Resonator A crystal resonator can be connected as shown in the example in figure 24.2. Select the damping resistance R d according to table 24.1. An AT-cut parallel-resonance type should be used. When a crystal resonator is used, the range of its frequencies is from 8 to 20 MHz. Figure 24.3 shows the equivalent circuit of the crystal resonator. Use a crystal resonator that has the characteristics shown in table 24.2. EXTAL XTAL Rd CL2 CL1 CL1 = CL2 = 10 to 22 pF Figure 24.2 Connection of Crystal Resonator (Example) Table 24.1 Damping Resistance Value Frequency (MHz) 8 12 16 20 R d (Ω) 200 0 0 0 XTAL CL AT-cut parallel-resonance type EXTAL C0 LRs Figure 24.3 Crystal Resonator Equivalent Circuit |