công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1149 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1149 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1149 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1119 of 1342
REJ09B0467-0100
22.5.1
Read Array
This command reads the flash memory.
Write H'xxFF in the first bus cycle to shift the flash memory into the read array mode. Specify the
target read address in the next bus cycle, and data is read from the address in 16-bit units.
As the flash memory stays in the read array mode until another command is issued, multiple
addresses can be read in sequence.
22.5.2
Read Status Register
This command reads the status register.
Write H'xx70 in the first bus cycle, and the status register can be read in the second bus cycle (see
section 22.6, Status Register). Specify an even address in the program ROM or data flash to read
the status register.
Do not issue this command in the EW1 mode.
22.5.3
Clear Status Register
This command clears the status register.
Write H'xx50 in the first bus cycle, and the FMERSF and FMPRSF bits in FLMSTR are cleared to
0.
22.5.4
Program
This command writes data to the flash memory in 2-word (4-byte) units.
Write H'xx41 in the first bus cycle and write data to the target address in the second and third bus
cycles; the flash memory starts automatic writing (programming and verifying data). The address
value specified in the first bus cycle should be the same even address as that specified in the
second bus cycle.
Completion of automatic writing can be checked through the FMRDY bit in FLMSTR. The
FMRDY bit is 0 (busy) during automatic writing and becomes 1 (ready) when writing is
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More