công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1144 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1144 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1144 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1114 of 1342
REJ09B0467-0100
(3) Notes on USB Boot Mode Execution
• The clock of 48 MHz needs to be supplied to the USB module. Set the external clock
frequency and clock pulse generator so as to supply 48 MHz as the clock for the USB (cku).
For details, refer to section 24, Clock Pulse Generator.
• Use the P20 pin for the D+ pull-up control connection.
• For the stable supply of the power during the flash memory programming and erasing, the
cable should not be connected via the bus powered HUB.
• If the bus powered HUB is disconnected during the flash memory programming and erasing,
permanent damage to the LSI may result.
•
If the USB bus in the bus power mode enters the suspend mode, this does not make the
transition to the software standby mode of the power-down mode.
22.3.3
User Programming Mode
In the user programming mode, the flash memory can be programmed by the CPU through
execution of software commands. In this mode, the user ROM can be programmed without using a
ROM programmer with the microcomputer mounted on a system board.
The programming and block erase commands should be executed only in each block area of the
user program.
The user programming mode provides the erase/write 0 mode (EW0 mode). Table 22.5 gives an
overview of the EW0 mode specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More