công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1120 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1120 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1120Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1121Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1122Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1123Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1120 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1090 of 1342
REJ09B0467-0100
20.4.6
SCS Pin Control and Conflict Error
When bits CSS1 and CSS0 in SSCRH are specified to B'10 and the SSUMS bit in SSCRL is
cleared to 0, the
SCS pin functions as an input (Hi-Z) to detect conflict error. The conflict
detection period is from setting the MSS bit in SSCRH to 1 to starting serial transfer and after
transfer ends. When a low level signal is input to the
SCS pin within the period, a conflict error
occurs. At this time, the CE bit in SSSR is set to 1 and the MSS bit is cleared to 0.
Note:
While the CE bit is set to 1, transmission or reception is not resumed. Clear the CE bit to 0
before resuming the transmission or reception.
CE
Data written
to SSTDR
Maximum time for
internally clocking
SCS
MSS
Internal signal for
transfer enable
SCS output
External input to
SCS
Internal-clocked
SCS
(Hi-Z)
Conflict error
detection period
Figure 20.10 Conflict Error Detection Timing (Before Transfer)
P
φ
SCS
MSS
CE
(Hi-Z)
Transfer
end
Internal signal for
transfer enable
Conflict error detection period
Figure 20.11 Conflict Error Detection Timing (After Transfer End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More