| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1088 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1088 Page - Renesas Technology Corp |
|
1088 / 1376 page ![]() Section 19 D/A Converter Rev. 1.00 Sep. 19, 2008 Page 1058 of 1342 REJ09B0467-0100 19.5 Usage Notes 19.5.1 Setting for Module Stop Mode It is possible to enable/disable the D/A converter operation using the module stop control register; the D/A converter does not operate by the initial value of the register. The register can be accessed by releasing the module stop mode. For details, see section 25, Power-Down Modes. 19.5.2 D/A Output Hold Function in Software Standby Mode If D/A conversion is enabled and this LSI enters software standby mode, D/A output is held and analog power supply current remains at the same level during D/A conversion. When the analog power supply current is required to go low in software standby mode, bits DAOE and DAE should be cleared to 0, and D/A output should be disabled. |