công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1068 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1068 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1072Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1068 / 1376 page
background image
Section 18 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 1038 of 1342
REJ09B0467-0100
(2) One-Cycle Scan Mode
1. Set the ADSTCLR bit in ADCR to 1.
2. When the ADST bit in ADCSR is set to 1 by software, TPU, TMR, or an external trigger
input, A/D conversion starts on the first channel in the specified channel group. Consecutive
A/D conversion on a maximum of four channels (SCANE and SCANS = B'10) or on a
maximum of eight channels (SCANE and SCANS = B'11) can be selected. Four-channel
consecutive A/D conversion starts on AN0 when CH3 and CH2 = B'00 of unit 0, on AN4
when CH3 and CH2 = B'01, on AN8* when CH3 and CH2 of unit 1 = B'10, or on AN12 when
CH3 and CH2 of unit 1= B'11. Eight-channel consecutive A/D conversion starts on AN0 when
CH3 = B'0 or on AN8* when CH3 = B'1.
3. When A/D conversion for each channel is completed, the A/D conversion result is sequentially
transferred to the corresponding ADDR of each channel.
4. When A/D conversion of all selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated.
5. The ADST bit is automatically cleared when A/D conversion is completed for all of the
channels that have been selected. A/D conversion stops and the A/D converter enters a wait
state.
Note: * Only possible in the H8S/2456 group and H8S/2456R group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More