| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 106 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 106 Page - Renesas Technology Corp |
|
106 / 1376 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 76 of 1342 REJ09B0467-0100 2.8 Processing States The H8S/2600 CPU has five main processing states: the reset state, exception handling state, program execution state, bus-released state, and program stop state. Figure 2.13 indicates the state transitions. • Reset State The CPU and on-chip peripheral modules are all initialized and stop. When the RES input goes low, all current processing stops and the CPU enters the reset state. All interrupts are masked in the reset state. Reset exception handling starts when the RES signal changes from low to high. For details, see section 4, Exception Handling. The reset state can also be entered by a watchdog timer overflow. • Exception-Handling State The exception-handling state is a transient state that occurs when the CPU alters the normal processing flow due to an exception source, such as, a reset, trace, interrupt, or trap instruction. The CPU fetches a start address (vector) from the exception vector table and branches to that address. For further details, see section 4, Exception Handling. • Program Execution State In this state the CPU executes program instructions in sequence. • Bus-Released State In a product which has a bus master other than the CPU, such as a direct memory access controller (DMAC) and a data transfer controller (DTC), the bus-released state occurs when the bus has been released in response to a bus request from a bus master other than the CPU. While the bus is released, the CPU halts operations. • Program stop state This is a power-down state in which the CPU stops operating. The program stop state occurs when a SLEEP instruction is executed or the CPU enters hardware standby mode. For further details, see section 25, Power-Down Modes. |