| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 981 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 981 Page - Renesas Technology Corp |
|
981 / 1376 page ![]() Section 16 USB Function Module (USB) Rev. 1.00 Sep. 19, 2008 Page 951 of 1342 REJ09B0467-0100 16.5.2 Cable Connection USB function Application Cable disconnected VBUS pin = 0 V Protocol processing block reset USB cable connection IFR0.VBUSF = 1 USB bus connection interrupt Protocol processing block reset release Bus reset reception IFR0.BRST = 1 Bus reset interrupt Wait for setup command reception complete interrupt General output port D+ pull-up enabled? USB module interrupt setting As soon as preparations are completed, enable D+ pull-up. Clear VBUSF flag. (IFR0.VBUSF) Firmware preparations for start of USB communication Clear bus reset flag. (IFR0.BRST) Clear FIFOs. (EP0 to EP3) Yes No Initial settings Wait for setup command reception complete interrupt Interrupt request Interrupt request Figure 16.3 Cable Connection Operation The above flowchart shows the operation in the case of in section 16.9, Example of USB External Circuitry. In applications that do not require USB cable connection to be detected, processing by the USB bus connection interrupt is not necessary. Preparations should be made with the bus-reset interrupt. |