| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 974 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 974 Page - Renesas Technology Corp |
|
974 / 1376 page ![]() Section 16 USB Function Module (USB) Rev. 1.00 Sep. 19, 2008 Page 944 of 1342 REJ09B0467-0100 Table 16.2 Limitations for Setting Values Endpoint FIFO Number Maximum Packet Size Transfer Method Transfer Direction 0 16 bytes Control In/Out 1 64 bytes Bulk Out 2 64 bytes Bulk In 3 16 bytes Interrupt In Table 16.3 shows a specific example of setting. Table 16.3 Example of Setting Endpoint Number Conf. Int. Alt. Transfer Method Transfer Direction Maximum Packet Size Endpoint FIFO Number 0 Control In/Out 16 bytes 0 1 1 0 0 Bulk Out 64 bytes 1 2 1 0 0 Bulk In 64 bytes 2 3 1 0 0 Interrupt In 16 bytes 3 N EPIR[N]0 EPIR[N]1 EPIR[N]2 EPIR[N]3 EPIR[N]4 0 00 00 20 00 00 1 14 20 80 00 01 2 24 28 80 00 02 3 34 38 20 00 03 Configuration 1 Interface 0 Alternate Setting 0 Endpoint Number 0 1 2 3 Endpoint FIFO Number 0 1 2 3 Attribute Control Bulk-Out Bulk-In Interrupt-In |