| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 952 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 952 Page - Renesas Technology Corp |
|
952 / 1376 page ![]() Section 16 USB Function Module (USB) Rev. 1.00 Sep. 19, 2008 Page 922 of 1342 REJ09B0467-0100 16.3.8 Interrupt Select Register 1 (ISR1) ISR1 selects the vector numbers of the interrupt requests indicated in interrupt flag register 1 (IFR1). If the USB issues an interrupt request to the INTC when a bit in ISR1 is cleared to 0, the interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the INTC when a bit in ISR1 is set to 1, the corresponding interrupt will be USBINTN3. Bit Bit Name Initial Value R/W Description 7 6 5 0 0 0 Reserved These bits are always read as 0. The write value should always be 0. 4 SOFS 0 R/W SOF Packet Detection 3 SETUP TSS 0 R/W Setup Command Receive Complete 2 EP0o TSS 0 R/W EP0o Receive Complete 1 EP0i TRS 0 R/W EP0i Transfer Request 0 EP0i TSS 0 R/W EP0i Transmission Complete |