| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 826 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 826 Page - Renesas Technology Corp |
|
826 / 1376 page ![]() Section 13 8-Bit Timers (TMR) Rev. 1.00 Sep. 19, 2008 Page 796 of 1342 REJ09B0467-0100 • TCSR_1 Bit Bit Name Initial Value R/W Description 7 CMFB 0 R/(W)* Compare Match Flag B [Setting condition] • Set when TCNT matches TCORB [Clearing conditions] • Cleared by reading CMFB when CMFB = 1, then writing 0 to CMFB • When DTC is activated by CMIB interrupt while DISEL bit of MRB in DTC is 0 6 CMFA 0 R/(W)* Compare Match Flag A [Setting condition] • Set when TCNT matches TCORA [Clearing conditions] • Cleared by reading CMFA when CMFA = 1, then writing 0 to CMFA • When DTC is activated by CMIA interrupt while DISEL bit of MRB in DTC is 0 5 OVF 0 R/(W)* Timer Overflow Flag [Setting condition] • Set when TCNT overflows from H'FF to H'00 [Clearing condition] • Cleared by reading OVF when OVF = 1, then writing 0 to OVF 4 — 1 R Reserved This bit is always read as 1 and cannot be modified. |