| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 798 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 798 Page - Renesas Technology Corp |
|
798 / 1376 page ![]() Section 12 Programmable Pulse Generator (PPG) Rev. 1.00 Sep. 19, 2008 Page 768 of 1342 REJ09B0467-0100 12.3.2 Output Data Registers H and L (PODRH, PODRL) PODRH and PODRL store output data for use in pulse output. A bit that has been set for pulse output by NDER is read-only and cannot be modified. • PODRH Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 POD15 POD14 POD13 POD12 POD11 POD10 POD9 POD8 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Output Data Register 15 to 8 For bits which have been set to pulse output by NDERH, the output trigger transfers NDRH values to this register during PPG operation. While NDERH is set to 1, the CPU cannot write to this register. While NDERH is cleared, the initial output value of the pulse can be set. • PODRL Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 POD7 POD6 POD5 POD4 POD3 POD2 POD1 POD0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Output Data Register 7 to 0 For bits which have been set to pulse output by NDERL, the output trigger transfers NDRL values to this register during PPG operation. While NDERL is set to 1, the CPU cannot write to this register. While NDERL is cleared, the initial output value of the pulse can be set. |