công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 793 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 793 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 789Page - Renesas Technology Corp H8S/2456 Datasheet HTML 790Page - Renesas Technology Corp H8S/2456 Datasheet HTML 791Page - Renesas Technology Corp H8S/2456 Datasheet HTML 792Page - Renesas Technology Corp H8S/2456 Datasheet HTML 793Page - Renesas Technology Corp H8S/2456 Datasheet HTML 794Page - Renesas Technology Corp H8S/2456 Datasheet HTML 795Page - Renesas Technology Corp H8S/2456 Datasheet HTML 796Page - Renesas Technology Corp H8S/2456 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1376 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 763 of 1342
REJ09B0467-0100
Section 12 Programmable Pulse Generator (PPG)
The programmable pulse generator (PPG) provides pulse outputs by using the 16-bit timer pulse
unit (TPU) as a time base. The PPG pulse outputs are divided into 4-bit groups (groups 3 to 0) that
can operate both simultaneously and independently. The block diagram of PPG is shown in figure
12.1.
12.1
Features
•
16-bit output data
•
Four output groups
•
Selectable output trigger signals
•
Non-overlap mode
•
Can operate together with the data transfer controller (DTC) and the DMA controller
(DMAC)
•
Settable inverted output
•
Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More