| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 770 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 770 Page - Renesas Technology Corp |
|
770 / 1376 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 740 of 1342 REJ09B0467-0100 TCNT_1 TCNT_0 Channel 1 TGRA_1 (speed cycle capture) TGRA_0 (speed control cycle) TGRB_1 (position cycle capture) TGRC_0 (position control cycle) TGRB_0 (pulse width capture) TGRD_0 (buffer operation) Channel 0 TCLKA TCLKB Edge detection circuit + - + - Figure 11.30 Phase Counting Mode Application Example 11.5 Interrupt Sources There are three kinds of TPU interrupt source: TGR input capture/compare match, TCNT overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disable bit, allowing generation of interrupt request signals to be enabled or disabled individually. When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The interrupt request is cleared by clearing the status flag to 0. Relative channel priorities can be changed by the interrupt controller, but the priority order within a channel is fixed. For details, see section 5, Interrupt Controller. Table 11.37 lists the TPU interrupt sources. |