| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 759 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 759 Page - Renesas Technology Corp |
|
759 / 1376 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 729 of 1342 REJ09B0467-0100 (1) Example of PWM Mode Setting Procedure Figure 11.21 shows an example of the PWM mode setting procedure. Select counter clock PWM mode Select counter clearing source Select waveform output level <PWM mode> [1] [2] [3] Set TGR [4] Set PWM mode [5] Start count [6] [1] Select the counter clock with bits TPSC2 to TPSC0 in TCR. At the same time, select the input clock edge with bits CKEG1 and CKEG0 in TCR. [2] Use bits CCLR2 to CCLR0 in TCR to select the TGR to be used as the TCNT clearing source. [3] Use TIOR to designate the TGR as an output compare register, and select the initial value and output value. [4] Set the cycle in the TGR selected in [2], and set the duty in the other TGRs. [5] Select the PWM mode with bits MD3 to MD0 in TMDR. [6] Set the CST bit in TSTR to 1 to start the count operation. Figure 11.21 Example of PWM Mode Setting Procedure (2) Examples of PWM Mode Operation Figure 11.22 shows an example of PWM mode 1 operation. In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA initial output value and output value, and 1 is set as the TGRB output value. In this case, the value set in TGRA is used as the cycle, and the values set in TGRB registers as the duty cycle. |