công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 735 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 735 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 731Page - Renesas Technology Corp H8S/2456 Datasheet HTML 732Page - Renesas Technology Corp H8S/2456 Datasheet HTML 733Page - Renesas Technology Corp H8S/2456 Datasheet HTML 734Page - Renesas Technology Corp H8S/2456 Datasheet HTML 735Page - Renesas Technology Corp H8S/2456 Datasheet HTML 736Page - Renesas Technology Corp H8S/2456 Datasheet HTML 737Page - Renesas Technology Corp H8S/2456 Datasheet HTML 738Page - Renesas Technology Corp H8S/2456 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1376 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 705 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial value
R/W
Description
3
TGFD
0
R/(W)*
Input Capture/Output Compare Flag D
Status flag that indicates the occurrence of TGRD
input capture or compare match in channels 0 and
3.
In channels 1, 2, 4, and 5, bit 3 is reserved. It is
always read as 0 and cannot be modified.
[Setting conditions]
•
When TCNT = TGRD while TGRD is
functioning as output compare register
•
When TCNT value is transferred to TGRD by
input capture signal while TGRD is functioning
as input capture register
[Clearing conditions]
•
When DTC is activated by TGID interrupt
while DISEL bit of MRB in DTC is 0
•
When 0 is written to TGFD after reading TGFD
= 1
2
TGFC
0
R/(W)*
Input Capture/Output Compare Flag C
Status flag that indicates the occurrence of TGRC
input capture or compare match in channels 0 and
3.
In channels 1, 2, 4, and 5, bit 2 is reserved. It is
always read as 0 and cannot be modified.
[Setting conditions]
•
When TCNT = TGRC while TGRC is
functioning as output compare register
•
When TCNT value is transferred to TGRC by
input capture signal while TGRC is functioning
as input capture register
[Clearing conditions]
•
When DTC is activated by TGIC interrupt
while DISEL bit of MRB in DTC is 0
•
When 0 is written to TGFC after reading TGFC
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More