| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 714 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 714 Page - Renesas Technology Corp |
|
714 / 1376 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 684 of 1342 REJ09B0467-0100 Table 11.12 MD3 to MD0 Bit 3 MD3* 1 Bit 2 MD2* 2 Bit 1 MD1 Bit 0 MD0 Description 0 0 0 0 Normal operation 1 Reserved 1 0 PWM mode 1 1 PWM mode 2 1 0 0 Phase counting mode 1 1 Phase counting mode 2 1 0 Phase counting mode 3 1 Phase counting mode 4 1 × × × Legend: ×: Don’t care Notes: 1. MD3 is a reserved bit. In a write, it should always be written with 0. 2. Phase counting mode cannot be set for channels 0 and 3. In this case, 0 should always be written to MD2. 11.3.3 Timer I/O Control Register (TIOR) TIOR registers control the TGR registers. The TPU has eight TIOR registers, two each for channels 0 and 3, and one each for channels 1, 2, 4, and 5. Care is required since TIOR is affected by the TMDR setting. The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is cleared to 0 is specified. When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register operates as a buffer register. |