công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 677 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 677 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 673Page - Renesas Technology Corp H8S/2456 Datasheet HTML 674Page - Renesas Technology Corp H8S/2456 Datasheet HTML 675Page - Renesas Technology Corp H8S/2456 Datasheet HTML 676Page - Renesas Technology Corp H8S/2456 Datasheet HTML 677Page - Renesas Technology Corp H8S/2456 Datasheet HTML 678Page - Renesas Technology Corp H8S/2456 Datasheet HTML 679Page - Renesas Technology Corp H8S/2456 Datasheet HTML 680Page - Renesas Technology Corp H8S/2456 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 647 of 1342
REJ09B0467-0100
10.16.2
Port H Data Register (PHDR)
PHDR stores output data for the port H pins.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
3
PH3DR
0
R/W
2
PH2DR
0
R/W
1
PH1DR
0
R/W
0
PH0DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.
10.16.3
Port H Register (PORTH)
PORTH shows the pin states of port H. PORTH cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
Undefined
Reserved
If these bits are read, they will return an undefined
value.
3
PH3
*
R
2
PH2
*
R
1
PH1
*
R
0
PH0
*
R
If this register is read while a PHDDR bit is set to 1,
the corresponding PHDR value is read. If this
register is read while a PHDDR bit is cleared to 0,
the corresponding pin state is read.
Note:
*
Determined by the states of pins PH3 to PH0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More