| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 613 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 613 Page - Renesas Technology Corp |
|
613 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 583 of 1342 REJ09B0467-0100 10.9.6 Pin Functions Port A pins also function as the pins for address outputs, interrupt inputs, SSU I/Os, SCI I/Os, and bus control signal outputs. The correspondence between the register specification and the pin functions is shown below. • PA7/A23/CS7*4/IRQ7-A/SSO0-B The pin function is switched as shown below according to the combination of the operating mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE in SSER of SSU, bits SSO0S1 and SSO0S0 in PFCR5, bit CS7E in PFCR0 (the H8S/2454 Group), bit A23E in PFCR1, bit PA7DDR, and bit ITS7 in ITSR of the interrupt controller. • Modes 1, 2, and 4 A23E 0 1 CS7E* 4 0 1 SSU settings Can be used as I/O port Input state Output state PA7DDR 0 1 0 0 1 0 1 PA7 input PA7 output SSO0-B input* 2 SSO0-B output* 3 PA7 input CS7 output* 4 PA7 input A23 output Pin function IRQ7-A interrupt input*1 • Mode 7 (EXPE = 1) A23E 0 1 CS7E* 4 0 1 SSU settings Can be used as I/O port Input state Output state PA7DDR 0 1 0 0 1 0 1 PA7 input PA7 output SSO0-B input* 2 SSO0-B output* 3 PA7 input CS7 output* 4 PA7 input A23 output Pin function IRQ7-A interrupt input*1 |