| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 603 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 603 Page - Renesas Technology Corp |
|
603 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 573 of 1342 REJ09B0467-0100 (2) Pin Functions of H8S/2454 Group • P85/SCK3/PO5-B/TIOCB4-B/TMO1-B The pin function is switched as shown below according to the combination of the TPU channel 4 settings (by bits MD3 to MD0 in TMDR_4, bits IOB3 to IOB0 in TIOR_4, and bits CCLR1 and CCLR0 in TCR_4), bits OS3 to OS0 in TCSR_1 of the 8-bit timer, bit NDER5 in NDERL of PPG, bit C/ A in SMR_3 and bits CKE0 and CKE1 in SCR_3 of SCI, bits PPGS, TPUS, and TMRS in PFCR3, and bit P85DDR. TPU channel 4 settings (1) in table below (2) in table below OS3 to OS0 All 0 Not all 0 CKE1 0 1 C/ A 0 1 CKE0 0 1 P85DDR 0 1 1 NDER5 0 1 P85 input P85 output PO5-B output* 1 SCK3 output SCK3 output SCK3 input TMO1-B output* 3 Pin function TIOCB4-B output* 3 TIOCB4-B input* 2 Notes: 1. PO5-B output when the PPGS bit in PFCR3 is 1. 2. TIOCB4-B input/output when the TPUS bit in PFCR3 is 1. 3. TMO1-B output when the TMRS bit in PFCR3 is 1. TPU channel 4 settings (2) (1) (2) (2) (1) (2) MD3 to MD0 B'0000, B'01 ×× B'0010 B'0011 IOB3 to IOB0 B'0000, B'0100, B'1 ××× B'0001 to B'0011, B'0101 to B'0111 B' ××00 Other than B' ××00 CCLR1, CCLR0 Other than B'10 B'10 Output function Output compare output PWM mode 2 output Legend: ×: Don’t care |