| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp |
|
580 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 550 of 1342 REJ09B0467-0100 10.5.3 Port 5 Register (PORT5) PORT5 shows the pin states of port 5. PORT5 cannot be modified. Bit Bit Name Initial Value R/W Description 7 to 4 Undefined R Reserved If these bits are read, they will return an undefined value. 3 P53 * R 2 P52 * R 1 P51 * R 0 P50 * R If the P53 to P50 bits are read while a P5DDR bit is set to 1, the corresponding P5DR value is read. If this register is read while a P5DDR bit is cleared to 0, the corresponding pin state is read. Note: * Determined by the states of pins P53 to P50. 10.5.4 Port 5 Open Drain Control Register (P5ODR) P5ODR specifies the output type of each port 5 pin. Bit Bit Name Initial Value R/W Description 7 to 4 All 0 Reserved These bits are always read as 0. Only the initial values should be written to these bits. 3 P53ODR 0 R/W 2 P52ODR 0 R/W 1 P51ODR 0 R/W 0 P50ODR 0 R/W When BACK-B/BREQO-B output is not selected, setting a P5ODR bit to 1 makes the corresponding pin an NMOS open-drain output pin, while clearing a P5ODR bit to 0 makes the corresponding pin a CMOS output pin. |