| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp |
|
558 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 528 of 1342 REJ09B0467-0100 10.2.2 Port 2 Data Register (P2DR) P2DR stores output data for the port 2 pins. Bit Bit Name Initial Value R/W Description 7 P27DR 0 R/W 6 P26DR 0 R/W 5 P25DR 0 R/W Output data for a pin is stored when the pin function is specified as a general purpose I/O. 4 0 3 0 2 0 1 0 Bits 4 to 1 are reserved. These bits are read as 0. When written, the initial value should be written to. 0 P20DR 0 R/W Output data for a pin is stored when the pin function is specified as a general purpose I/O. 10.2.3 Port 2 Register (PORT2) PORT2 shows the pin states of port 2. PORT2 cannot be modified. Bit Bit Name Initial Value R/W Description 7 P27 * R 6 P26 * R 5 P25 * R If this register is read while a P2DDR bit is set to 1, the corresponding P2DR value is read. If this register is read while a P2DDR bit is cleared to 0, the corresponding pin state is read. 4 Undefined 3 Undefined 2 Undefined 1 Undefined Bits 4 to 1 are reserved. The read value is undefined. 0 P20 * R If this register is read while a P2DDR bit is set to 1, the corresponding P2DR value is read. If this register is read while a P2DDR bit is cleared to 0, the corresponding pin state is read. Note: * Determined by the states of pins P27 to P25 and P20. |