công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 497 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 497 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 493Page - Renesas Technology Corp H8S/2456 Datasheet HTML 494Page - Renesas Technology Corp H8S/2456 Datasheet HTML 495Page - Renesas Technology Corp H8S/2456 Datasheet HTML 496Page - Renesas Technology Corp H8S/2456 Datasheet HTML 497Page - Renesas Technology Corp H8S/2456 Datasheet HTML 498Page - Renesas Technology Corp H8S/2456 Datasheet HTML 499Page - Renesas Technology Corp H8S/2456 Datasheet HTML 500Page - Renesas Technology Corp H8S/2456 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1376 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 467 of 1342
REJ09B0467-0100
9.2.7
DTC Enable Registers A to I (DTCERA to DTCERI)
DTCER which is comprised of registers, DTCERA to DTCERI, is a register that specifies DTC
activation interrupt sources. The correspondence between interrupt sources and DTCE bits is
shown in table 9.2. For DTCE bit setting, use bit manipulation instructions such as BSET and
BCLR for reading and writing. If all interrupts are masked, multiple activation sources can be set
at one time (only at the initial setting) by writing data after executing a dummy read on the
relevant register.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
DTCE7
DTCE6
DTCE5
DTCE4
DTCE3
DTCE2
DTCE1
DTCE0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DTC Activation Enable
Setting this bit to 1 specifies a relevant interrupt
source to a DTC activation source.
[Clearing conditions]
• When the DISEL bit is 1 and the data transfer has
ended
• When the specified number of transfers have
ended
These bits are not automatically cleared when the
DISEL bit is 0 and the specified number of transfers
have not ended
•
When 0 is written to DTCE after reading DTCE =
1
9.2.8
DTC Vector Register (DTVECR)
DTVECR sets a vector number for the software activation interrupt.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
DTVEC7
DTVEC6
DTVEC5
DTVEC4
DTVEC3
DTVEC2
DTVEC1
DTVEC0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DTC Software Activation Vectors 7 to 0
These bits specify a vector number for DTC
software activation.
The vector address is expressed as H'0400 +
(vector number
× 2). For example, when DTVEC7
to DTVEC0 = H'10, the vector address is H'0420.
These bits can be written to only when the
SWDTE bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More