| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 472 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 472 Page - Renesas Technology Corp |
|
472 / 1376 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 442 of 1342 REJ09B0467-0100 (2) Auto Request/Burst Mode/Normal Transfer Mode When the EDA bit is set to 1 in EDMDR, an EXDMA transfer cycle is started a minimum of three cycles later. Once transfer is started, it continues (as a burst) until the transfer end condition is satisfied. If the BGUP bit is 1 in EDMDR, the bus is transferred in the event of a bus request from another bus master. Transfer requests for other channels are held pending until the end of transfer on the current channel. Figures 8.31 to 8.34 show operation timing examples for various conditions. φ pin ETEND Bus cycle CPU operation EDA bit EXDMA read EXDMA write EXDMA read EXDMA write EXDMA read EXDMA write External space External space External space 0 1 Repeated Last transfer cycle CPU cycle CPU cycle CPU cycle Figure 8.31 Auto Request/Burst Mode/Normal Transfer Mode (CPU Cycles/Dual Address Mode/BGUP = 0) |