| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 449 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 449 Page - Renesas Technology Corp |
|
449 / 1376 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 419 of 1342 REJ09B0467-0100 External memory Range of EDSAR values First block transfer Second block transfer H'23FFFE H'23FFFF H'240000 H'240001 H'240002 H'240003 H'240004 H'240005 H'240006 H'240007 H'240008 H'240009 H'240000 H'240001 H'240002 H'240003 H'240004 H'240005 H'240006 H'240007 H'240000 H'240001 H'240002 H'240003 H'240004 H'240000 H'240001 H'240005 H'240006 H'240007 : : Interrupt requested Block transfer in progress When lower 3 bits (8-byte area) of EDSAR are designated as repeat area (SARA4 to SARA0 = 3), and block size of 5 (EDTCR[23–16] = 5) is set in block transfer mode Figure 8.10 Example of Repeat Area Function Operation in Block Transfer Mode 8.4.7 Registers during DMA Transfer Operation EXDMAC register values are updated as DMA transfer processing is performed. The updated values depend on various settings and the transfer status. The following registers and bits are updated: EDSAR, EDDAR, EDTCR, and bits EDA, BEF, and IRF in EDMDR, (1) EXDMA Source Address Register (EDSAR) When the EDSAR address is accessed as the transfer source, after the EDSAR value is output, EDSAR is updated with the address to be accessed next. Bits SAT1 and SAT0 in EDACR specify incrementing or decrementing. The address is fixed when SAT1 = 0, incremented when SAT1 = 1 and SAT0 = 0, and decremented when SAT1 = 1 and SAT0 = 1. |