| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 373 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 373 Page - Renesas Technology Corp |
|
373 / 1376 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 343 of 1342 REJ09B0467-0100 Address T Address B Transfer IOAR 1 byte or word transfer performed in response to 1 transfer request Legend: Address T = L Address B = L + (–1)DTID · (2DTSZ · (N – 1)) Where : L = Value set in MAR N = Value set in ETCR Figure 7.3 Operation in Sequential Mode The number of transfers is specified as 16 bits in ETCR. ETCR is decremented by 1 each time a data transfer is executed, and when its value reaches H'0000, the DTE bit is cleared and data transfer ends. If the DTIE bit is set to 1 at this time, an interrupt request is sent to the CPU or DTC. The maximum number of transfers, when H'0000 is set in ETCR, is 65,536. Transfer requests (activation sources) consist of A/D converter conversion end interrupts, external requests, SCI transmission complete and reception complete interrupts, and TPU channel 0 to 5 compare match/input capture A interrupts. External requests can only be specified for channel B. Figure 7.4 shows an example of the setting procedure for sequential mode. |