| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 337 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 337 Page - Renesas Technology Corp |
|
337 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 307 of 1342 REJ09B0467-0100 6.14 Bus Controller Operation in Reset In a reset, this LSI, including the bus controller, enters the reset state immediately, and any executing bus cycle is aborted. 6.15 Usage Notes 6.15.1 External Bus Release Function and All-Module-Clocks-Stopped Mode In this LSI, if the ACSE bit is set to 1 in MSTPCR, and then a SLEEP instruction is executed with the setting for all peripheral module clocks to be stopped (MSTPCR = H'FFFF, EXMSTPCR = H'FFFF) or for operation of the 8-bit timer module alone (MSTPCR = H'FFFE, EXMSTPCR = H'FFFF), and a transition is made to the sleep state, the all-module-clocks-stopped mode is entered in which the clock is also stopped for the bus controller and I/O ports. In this state, the external bus release function is halted. To use the external bus release function in sleep mode, the ACSE bit in MSTPCR must be cleared to 0. Conversely, if a SLEEP instruction to place the chip in all- module-clocks-stopped mode is executed in the external bus released state, the transition to all- module-clocks-stopped mode is deferred and performed until after the bus is recovered. 6.15.2 External Bus Release Function and Software Standby In this LSI, internal bus master operation does not stop even while the bus is released, as long as the program is running in on-chip ROM, etc., and no external access occurs. If a SLEEP instruction to place the chip in software standby mode is executed while the external bus is released, the transition to software standby mode is deferred and performed after the bus is recovered. Also, since clock oscillation halts in software standby mode, if BREQ goes low in this mode, indicating an external bus release request, the request cannot be answered until the chip has recovered from the software standby state. 6.15.3 External Bus Release Function and CBR Refreshing/Auto Refreshing CBR refreshing/auto refreshing cannot be executed while the external bus is released. Setting the BREQOE bit to 1 in BCR beforehand enables the BREQO signal to be output when a CBR refresh/auto refresh request is issued. Note: The auto refresh control function is not supported by the H8S/2456 Group and H8S/2454 Group. |