công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1120 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1120 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1121Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1122Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1120 / 1250 page
background image
Section 29 List of Registers
Rev. 2.00 Aug. 20, 2008 Page 1072 of 1198
REJ09B0403-0200
29.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed. The number of
access states indicates the number of states based on the specified reference clock.
Note:
Access to undefined or reserved addresses is prohibited. Since operation or continued
operation is not guaranteed when these registers are accessed, do not attempt such access.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of Access
States
EtherC mode register
ECMR
32
H'F900
EtherC
16
8
EtherC status register
ECSR
32
H'F904
EtherC
16
8
EtherC interrupt permission register
ECSIPR
32
H'F908
EtherC
16
8
PHY interface register
PIR
32
H'F90C
EtherC
16
8
MAC address high register
MAHR
32
H'F910
EtherC
16
8
MAC address low register
MALR
32
H'F914
EtherC
16
8
Receive frame length register
RFLR
32
H'F918
EtherC
16
8
PHY status register
PSR
32
H'F91C
EtherC
16
8
Transmit retry over counter register
TROCR
32
H'F920
EtherC
16
8
Delayed collision detect counter
register
CDCR
32
H'F924
EtherC
16
8
Lost carrier counter register
LCCR
32
H'F928
EtherC
16
8
Carrier not detect counter register
CNDCR
32
H'F92C
EtherC
16
8
CRC error frame counter register
CEFCR
32
H'F934
EtherC
16
8
Frame receive error counter register
FRECR
32
H'F938
EtherC
16
8
Too-short frame receive counter
register
TSFRCR
32
H'F93C
EtherC
16
8
Too-long frame receive counter
register
TLFRCR
32
H'F940
EtherC
16
8
Residual-bit frame counter register
RFCR
32
H'F944
EtherC
16
8
Multicast address frame counter
register
MAFCR
32
H'F948
EtherC
16
8
IPG register
IPGR
32
H'F954
EtherC
16
8
Automatic PAUSE frame set register
APR
32
H'F958
EtherC
16
8
Manual PAUSE frame set register
MPR
32
H'F95C
EtherC
16
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com