công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1117 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1117 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1117 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1069 of 1198
REJ09B0403-0200
28.6
Hardware Standby Mode
The CPU makes a transition to hardware standby mode from any mode when the
STBY pin is
driven low.
In hardware standby mode, all functions enter the reset state. As long as the prescribed voltage is
supplied, on-chip RAM data is retained. The I/O ports are set to the high-impedance state.
In order to retain on-chip RAM data, the RAME bit in SYSCR should be cleared to 0 before
driving the
STBY pin low. Do not change the state of the mode pins (MD2 and MD1) while this
LSI is in hardware standby mode.
Hardware standby mode is cleared by the
STBY pin input or the RES pin input.
When the
STBY pin is driven high while the RES pin is low, clock oscillation is started. Ensure
that the
RES pin is held low until system clock oscillation settles. When the RES pin is
subsequently driven high after the clock oscillation settling time has passed, reset exception
handling starts.
Figure 28.4 shows an example of hardware standby mode timing.
Oscillator
RES
STBY
Oscillation
stabilization
time
Reset
exception
handling
Figure 28.4 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com