công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1115 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1115 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1067 of 1198
REJ09B0403-0200
28.5
Software Standby Mode
The CPU makes a transition to software standby mode when the SLEEP instruction is executed
with the SSBY bit in SBYCR set to 1 and the PSS bit in TCSR (WDT_1) cleared to 0.
In software standby mode, the CPU, on-chip peripheral modules, and clock pulse generator all
stop. However, the contents of the CPU registers, on-chip RAM data, I/O ports, and the states of
on-chip peripheral modules other than the PWMX, A/D converter, and part of the SCI are retained
as long as the prescribed voltage is supplied.
Software standby mode is cleared by an external interrupt (NMI, IRQ0 to IRQ15), the USB
suspend/resume interrupt (RESUME), the
RES pin input, or STBY pin input.
When an external interrupt request signal is input, system clock oscillation starts, and after the
elapse of the time set in bits STS2 to STS0 in SBYCR, software standby mode is cleared, and
interrupt exception handling is started. When exiting software standby mode by IRQ0 to IRQ15
interrupt, set the corresponding enable bit to 1 and ensure that any interrupt with a higher priority
than IRQ0 to IRQ15 is not generated. Software standby mode is not exited if the corresponding
enable bit is cleared to 0 or if the interrupt has been masked by the CPU.
When the
RES pin is driven low, system clock oscillation is started. At the same time as system
clock oscillation starts, the system clock is supplied to the entire LSI. Note that the
RES pin must
be held low until clock oscillation settles. When the
RES pin goes high after clock oscillation
settles, the CPU begins reset exception handling.
When the
STBY pin is driven low, software standby mode is cancelled and a transition is made to
hardware standby mode.
Figure 28.3 shows an example in which a transition is made to software standby mode at the
falling edge of the NMI pin, and software standby mode is cleared at the rising edge of the NMI
pin.
In this example, an NMI interrupt is accepted with the NMIEG bit in SYSCR cleared to 0 (falling
edge specification), then the NMIEG bit is set to 1 (rising edge specification), the SSBY bit is set
to 1, and a SLEEP instruction is executed, causing a transition to software standby mode.
Software standby mode is then cleared at the rising edge of the NMI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com