công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1111 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1111 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1111 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1063 of 1198
REJ09B0403-0200
28.2
Mode Transitions and LSI States
Figure 28.1 shows the enabled mode transition diagram. The mode transition from program
execution state to program halt state is performed by the SLEEP instruction. The mode transition
from program halt state to program execution state is performed by an interrupt. The
STBY input
causes a mode transition from any state to hardware standby mode. The
RES input causes a mode
transition from a state other than hardware standby mode to the reset state. Table 28.2 shows the
LSI internal states in each operating mode.
Program halt state
Program execution state
SCK2 to
SCK0 are
0
SCK2 to
SCK0 are
not 0
SLEEP instruction
SLEEP
instruction
External
interrupt *
Any interrupt *
STBY pin = High
RES pin = Low
STBY pin = Low
SSBY = 0
SSBY = 1,
PSS = 0
RES pin = High
: Transition after exception handling
: Power-down mode
Reset state
High-speed mode
(main clock)
Medium-speed
mode
(main clock)
Hardware
standby mode
Software
standby mode
Sleep mode
(main clock)
Note: * When a transition is made between modes by means of an interrupt, the transition cannot be made
on interrupt source generation alone. Ensure that interrupt handling is performed after accepting the
interrupt request.
USB suspend/
resume interrupt
Figure 28.1 Mode Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com