công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1114 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1114 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1114 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1066 of 1198
REJ09B0403-0200
φ,
Bus master clock
peripheral module clock
Internal address bus
Internal write signal
Medium-speed mode
SBYCR
SBYCR
Figure 28.2 Medium-Speed Mode Timing
28.4
Sleep Mode
The CPU makes a transition to sleep mode if the SLEEP instruction is executed when the SSBY
bit in SBYCR is cleared to 0. In sleep mode, CPU operation stops but the peripheral modules do
not stop. The contents of the CPU's internal registers are retained.
Sleep mode is exited by any interrupt, the
RES pin, or the STBY pin.
When an interrupt occurs, sleep mode is exited and interrupt exception handling starts. Sleep
mode is not exited if the interrupt is disabled, or interrupts other than NMI are masked by the
CPU.
Setting the
RES pin level low cancels sleep mode and selects the reset state. After the oscillation
settling time has passed, driving the
RES pin high causes the CPU to start reset exception
handling.
When the
STBY pin level is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com