công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1112 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1112 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1112 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1064 of 1198
REJ09B0403-0200
Table 28.2
LSI Internal States in Each Mode
Function
High-
Speed
Medium-
Speed
Sleep
Module
Stop
Software
Standby
Hardware
Standby
System clock pulse generator
Functioning
Functioning
Functioning
Functioning
Halted
Halted
Subclock pulse generator
Functioning
Functioning
Functioning
Functioning
Halted
Halted
Instruction
execution
Halted
Halted
Halted
CPU
Registers
Functioning
Functioning in
medium-speed
mode
Retained
Functioning
Retained
Undefined
NMI
External
interrupts
IRQ0 to IRQ15
Functioning
Functioning
Functioning
Functioning
Functioning
Halted
Peripheral
modules
DTC
Functioning
Functioning in
medium-speed
mode/
Functioning
Functioning
Functioning
/Halted
(retained)
Halted
(retained)
Halted (reset)
WDT_1
Functioning
Functioning
WDT_0
TMR_0,TMR_1
LPC
Functioning
/Halted
(retained)
FRT
TMR_X, TMR_Y
IIC_0 to IIC_5
CRC
SCI_1, SCI_3
SCIF, SSU, PECI
Functioning
Functioning
Functioning
Functioning
/Halted
(retained/ reset)
Halted
(retained/ reset)
Halted (reset)
EtherC, E-DMAC,
USB
Halted
PWMX_0,PWMX_1
A/D converter
Functioning/
Halted (reset)
Halted (reset)
RAM
Functioning
(DTC)
Functioning
Retained
Retained
I/O
Functioning
High impedance
Notes: Halted (retained) means that internal register values are retained. The internal state is
operation suspended.
Halted (reset) means that internal register values and internal states are initialized.
In module stop mode, only modules for which a stop setting has been made are halted
(reset or retained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com