công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1113 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1113 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1113 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1065 of 1198
REJ09B0403-0200
28.3
Medium-Speed Mode
The CPU makes a transition to medium-speed mode as soon as the current bus cycle ends
according to the setting of the SCK2 to SCK0 bits in SBYCR. In medium-speed mode, the CPU
operates on the operating clock (
φ/2, φ/4, φ/8, φ/16, or φ/32) specified by the SCK2 to SCK0 bits.
The bus masters other than the CPU (DTC) also operate in medium-speed mode when the
DTSPEED bit in SBYCR is cleared to 0. On-chip peripheral modules other than the bus masters
always operate on the system clock (
φ).
When the DTSPEED bit in SBYCR is set to 1, the
φ clock can be used as the DTC operating
clock.
In medium-speed mode, a bus access is executed in the specified number of states with respect to
the bus master operating clock. For example, if
φ/4 is selected as the operating clock, on-chip
memory is accessed in 4 states, and internal I/O registers in 8 states.
By clearing all of bits SCK2 to SCK0 to 0, a transition is made to high-speed mode at the end of
the current bus cycle.
If a SLEEP instruction is executed when the SSBY bit in SBYCR is cleared to 0, a transition is
made to sleep mode. When sleep mode is cleared by an interrupt, medium-speed mode is restored.
When the SLEEP instruction is executed with the SSBY bit set to 1 and the PSS bit in TCSR
(WDT_1) cleared to 0, operation shifts to software standby mode. When software standby mode is
cleared by an external interrupt, medium-speed mode is restored.
When the
RES pin is set low, medium-speed mode is cancelled and operation shifts to the reset
state. The same applies in the case of a reset caused by overflow of the watchdog timer.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
Figure 28.2 shows an example of medium-speed mode timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com