công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1118 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1118 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1121Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1250 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Aug. 20, 2008 Page 1070 of 1198
REJ09B0403-0200
28.7
Module Stop Mode
Module stop mode can be individually set for each on-chip peripheral module.
When the corresponding MSTP bit in MSTPCR and SUBMSTP is set to 1, module operation
stops at the end of the bus cycle and a transition is made to module stop mode. In turn, when the
corresponding MSTP bit is cleared to 0, module stop mode is cancelled and the module operation
resumes at the end of the bus cycle. In module stop mode, the internal states of on-chip peripheral
modules other than the PWMX, A/D converter, and part of the SCI are retained.
After the reset state is cancelled, all modules other than DTC are in module stop mode.
While an on-chip peripheral module is in module stop mode, read/write access to its registers is
disabled.
28.8
Usage Notes
28.8.1
I/O Port Status
The status of the I/O ports is retained in software standby mode. Therefore, when a high level is
output, the current consumption is not reduced by the amount of current to support the high level
output.
28.8.2
Current Consumption when Waiting for Oscillation Settling
The current consumption increases during oscillation settling.
28.8.3
DTC Module Stop Mode
If the DTC module stop mode specification and DTC bus request occur simultaneously, the bus is
released to the DTC and the MSTP bit cannot be set to 1. After completing the DTC bus cycle, set
the MSTP bit to 1 again.
28.8.4
Notes on Subclock Usage
When using the subclock, make a transition to power-down mode after setting the EXCLE bit in
LPWRCR to 1 and loading the subclock two or more cycles. When not using the subclock, the
EXCLE bit should not be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com