công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1069 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1069 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1072Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1073Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1069 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1021 of 1198
REJ09B0403-0200
26.3.1
Instruction Register (SDIR)
SDIR is a 32-bit register. JTAG instructions can be transferred to SDIR by serial input from the
ETDI pin. SDIR can be initialized when the
ETRST pin is low or the TAP controller is in the
Test-Logic-Reset state, but is not initialized by a reset or in standby mode.
Only 4-bit instructions can be transferred to SDIR. If an instruction exceeding 4 bits is input, the
last 4 bits of the serial data will be stored in SDIR.
Bit
Bit Name
Initial
Value
R/W
Description
31
30
29
28
TS3
TS2
TS1
TS0
1
1
1
0
R/W
R/W
R/W
R/W
Test Set Bits
0000: EXTEST mode
0001: Setting prohibited
0010: CLAMP mode
0011: HIGHZ mode
0100: SAMPLE/PRELOAD mode
0101: Setting prohibited
:
:
1101: Setting prohibited
1110: IDCODE mode (Initial value)
1111: BYPASS mode
27 to
14
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
13
1
R
Reserved
This bit is always read as 1 and cannot be modified.
12
0
R
Reserved
This bit is always read as 0 and cannot be modified.
11
1
R
Reserved
This bit is always read as 1 and cannot be modified.
10 to 1
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
0
1
R
Reserved
This bit is always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com