công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1067 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1067 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1071Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1067 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1019 of 1198
REJ09B0403-0200
26.2
Input/Output Pins
Table 26.1 shows the JTAG pin configuration.
Table 26.1
Pin Configuration
Pin Name
Abbreviation
I/O
Function
Test clock
ETCK
Input
Test clock input
Provides an independent clock supply to the
JTAG. As the clock input to the ETCK pin is
supplied directly to the JTAG, a clock waveform
with a duty cycle close to 50% should be input.
For details, see section 31, Electrical
Characteristics.
Test mode select
ETMS
Input
Test mode select input
Sampled on the rise of the ETCK pin. The ETMS
pin controls the internal state of the TAP
controller.
Test data input
ETDI
Input
Serial data input
Performs serial input of instructions and data for
JTAG registers. ETDI is sampled on the rise of
the ETCK pin.
Test data output
ETDO
Output
Serial data output
Performs serial output of instructions and data
from JTAG registers. Transfer is performed in
synchronization with the ETCK pin. If there is no
output, the ETDO pin goes to the high-
impedance state.
Test reset
ETRST
Input
Test reset input signal
Initializes the JTAG asynchronously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com