công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1068 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1068 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1072Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1068 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1020 of 1198
REJ09B0403-0200
26.3
Register Descriptions
The JTAG has the following registers.
• Instruction register (SDIR)
• Bypass register (SDBPR)
• Boundary scan register (SDBSR)
• ID code register (SDIDR)
Instructions can be input to the instruction register (SDIR) by serial transfer from the test data
input pin (ETDI). Data from SDIR can be output via the test data output pin (ETDO). The bypass
register (SDBPR) is a 1-bit register to which the ETDI and ETDO pins are connected in BYPASS,
CLAMP, or HIGHZ mode. The boundary scan register (SDBSR) is a 346-bit register in H8S/2472
group, 333-bit register in H8S/2462 group to which the ETDI and ETDO pins are connected in
SAMPLE/PRELOAD or EXTEST mode. The ID code register (SDIDR) is a 32-bit register; a
fixed code can be output via the ETDO pin in IDCODE mode. All registers cannot be accessed
directly by the CPU.
Table 26.2 shows the kinds of serial transfer possible with each JTAG register.
Table 26.2
JTAG Register Serial Transfer
Register
Serial Input
Serial Output
SDIR
Possible
Possible
SDBPR
Possible
Possible
SDBSR
Possible
Possible
SDIDR
Impossible
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com