công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1065 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1065 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1069Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1065 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1017 of 1198
REJ09B0403-0200
Section 26 Boundary Scan (JTAG)
The JTAG (Joint Test Action Group) is standardized as an international standard, IEEE Standard
1149.1, and is open to the public as IEEE Standard Test Access Port and Boundary-Scan
Architecture. Although the name of the function is boundary scan and the name of the group who
worked on standardization is the JTAG, the JTAG is commonly used as the name of a boundary
scan architecture and a serial interface to access the devices having the architecture.
This LSI has a boundary scan function (JTAG). Using this function along with other LSIs
facilitates testing a printed-circuit board.
26.1
Features
• Five test pins (ETCK, ETDI, ETDO, ETMS, and ETRST)
• TAP controller
• Six instructions
BYPASS mode
EXTEST mode
SAMPLE/PRELOAD mode
CLAMP mode
HIGHZ mode
IDCODE mode
(These instructions are test modes corresponding to IEEE 1149.1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com