công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1062 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1062 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1014 of 1198
REJ09B0403-0200
25.9
Usage Notes
1. The initial state of the product at its shipment is in the erased state. For the product whose
revision of erasing is undefined, we recommend to execute automatic erasure for checking the
initial state (erased state) and compensating.
2. For the PROM programmer suitable for programmer mode in this LSI and its program version,
refer to the instruction manual of the socket adapter.
3. If the socket, socket adapter, or product index does not match the specifications, too much
current flows and the product may be damaged.
4. If a voltage higher than the rated voltage is applied, the product may be fatally damaged. Use a
PROM programmer that supports the 512-Kbyte flash memory on-chip MCU device at 3.3 V.
Do not set the programmer to HN28F101 or the programming voltage to 5.0 V. Use only the
specified socket adapter. If other adapters are used, the product may be damaged.
5. Do not remove the chip from the PROM programmer nor input a reset signal during
programming/erasing. As a high voltage is applied to the flash memory during
programming/erasing, doing so may damage or destroy flash memory permanently. If reset is
executed accidentally, reset must be released after the reset input period of 100
µs which is
longer than normal.
6. The flash memory is not accessible until FKEY is cleared after programming/erasing
completes. If this LSI is restarted by a reset immediately after programming/erasing has
finished, secure the reset period (period of
RES = 0) of more than 100 µs. Though transition to
the reset state or hardware standby state during programming/erasing is prohibited, if reset is
executed accidentally, reset must be released after the reset input period of 100
µs which is
longer than normal.
7. At powering on or off the Vcc power supply, fix the
RES pin to low and set the flash memory
to hardware protection state. This power on/off timing must also be satisfied at a power-off and
power-on caused by a power failure and other factors.
8. Program the area with 128-byte programming-unit blocks in on-board programming or
programmer mode only once. Perform programming in the state where the programming-unit
block is fully erased.
9. When the chip is to be reprogrammed with the programmer after execution of programming or
erasure in on-board programming mode, it is recommend that automatic programming is
performed after execution of automatic erasure.
10. To write data or programs to the flash memory, data or programs must be allocated to
addresses higher than that of the external interrupt vector table (H'000040) and H'FF must be
written to the areas that are reserved for the system in the exception handling vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com