công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1058 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1058 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1062Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1010 of 1198
REJ09B0403-0200
Error Response
H'D2
ERROR
• Error response: H'D2 (1 byte): Error response to memory read
• ERROR: (1 byte): Error code
H'11: Sum check error
H'2A: Address error
The read address is not in the MAT.
H'2B: Size error
The read size exceeds the MAT.
(12) User Boot MAT Sum Check
The boot program will return the byte-by-byte total of the contents of the bytes of the user boot
MAT, as a 4-byte value.
Command
H'4A
• Command, H'4A, (1 byte): Sum check for user-boot MAT
Response
H'5A
Size
Checksum of user boot program
SUM
• Response, H'5A, (1 byte): Response to the sum check of user-boot MAT
• Size (1 byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of user boot program (4 bytes): Checksum of user boot MATs
The total of the data is obtained in byte units.
• SUM (1 byte): Sum check for data being transmitted
(13) User MAT Sum Check
The boot program will return the byte-by-byte total of the contents of the bytes of the user MAT.
Command
H'4B
• Command, H'4B, (1 byte): Sum check for user MAT
Response
H'5B
Size
Checksum of user program
SUM
• Response, H'5B, (1 byte): Response to the sum check of the user MAT
• Size (1 byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of user boot program (4 bytes): Checksum of user MATs
The total of the data is obtained in byte units.
• SUM (1 byte): Sum check for data being transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com