công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1056 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1056 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1060Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1056 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1008 of 1198
REJ09B0403-0200
(a)
Erasure Selection
The boot program will transfer the erasure program. User MAT data is erased by the transferred
erasure program.
Command
H'48
•
Command, H'48, (1 byte): Erasure selection
Response
H'06
•
Response, H'06, (1 byte): Response for erasure selection
After the erasure program has been transferred, the boot program will return ACK.
Error Response
H'C8
ERROR
•
Error Response, H'C8, (1 byte): Error response to erasure selection
•
ERROR: (1 byte): Error code
H'54: Selection processing error (transfer error occurs and processing is not completed)
(b)
Block Erasure
The boot program will erase the contents of the specified block.
Command
H'58
Size
Block number
SUM
•
Command, H'58, (1 byte): Erasure
•
Size (1 byte): The number of bytes that represents the erasure block number
This is fixed to 1.
•
Block number (1 byte): Number of the block to be erased
•
SUM (1 byte): Checksum
Response
H'06
•
Response, H'06, (1 byte): Response to Erasure
After erasure has been completed, the boot program will return ACK.
Error Response
H'D8
ERROR
•
Error Response, H'D8, (1 byte): Response to Erasure
•
ERROR (1 byte): Error code
H'11:
Sum check error
H'29:
Block number error
Block number is incorrect.
H'51:
Erasure error
An error has occurred during erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com