công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1055 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1055 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1055 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1007 of 1198
REJ09B0403-0200
Error Response
H'D0
ERROR
• Error Response, H'D0, (1 byte): Error response for 128-byte programming
• ERROR: (1 byte): Error code
H'11: Checksum error
H'2A: Address error
H'53: Programming error
An error has occurred in programming and programming cannot be continued.
(10) Erasure
Erasure is performed with the erasure selection and block erasure command.
Firstly, erasure is selected by the erasure selection command and the boot program then erases the
specified block. The command should be repeatedly executed if two or more blocks are to be
erased. Sending a block-erasure command from the host with the block number H'FF will stop the
erasure operating. On completion of erasing, the boot program will wait for selection of
programming or erasing.
The sequences of issuing the erasure selection command and block-erasure command are shown in
figure 25.25.
Transfer of erasure
program
Host
Boot program
Preparation for erasure (H'48)
ACK
Erasure
Erasure (Erasure block number)
Erasure (H'FF)
ACK
ACK
Repeat
Figure 25.25 Erasure Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com