công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1054 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1054 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1050Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1054 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1006 of 1198
REJ09B0403-0200
• Command, H'50, (1 byte): 128-byte programming
• Programming Address (4 bytes): Start address for programming
Multiple of the size specified in response to the programming unit inquiry
(i.e. H'00, H'01, H'00, H'00 : H'00010000)
• Programming Data (128 bytes): Data to be programmed
The size is specified in the response to the programming unit inquiry.
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06, (1 byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error response, H'D0, (1 byte): Error response for 128-byte programming
• ERROR: (1 byte): Error code
H'11:
Checksum Error
H'2A:
Address Error
H'53:
Programming error
A programming error has occurred and programming cannot be continued.
The specified address should match the unit for programming of data. For example, when the
programming is in 128-byte units, the lower 8 bits of the address should be H'00 or H'80.
When there are less than 128 bytes of data to be programmed, the host should fill the rest with
H'FF.
Sending the 128-byte programming command with the address of H'FFFFFFFF will stop the
programming operation. The boot program will interpret this as the end of the programming and
wait for selection of programming or erasing.
Command
H'50
Address
SUM
• Command, H'50, (1 byte): 128-byte programming
• Programming Address (4 bytes): End code is H'FF, H'FF, H'FF, H'FF.
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06, (1 byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com